Part Number Hot Search : 
LTC1098I DUY07A FST16 DSI30 DSI30 WTS701MM DF005 FST16
Product Description
Full Text Search
 

To Download SD2000C04L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD2000C..L Series
Vishay High Power Products
Standard Recovery Diodes (Hockey PUK Version), 2100 A
FEATURES
* Wide current range * High voltage ratings up to 1000 V * High surge current capabilities * Diffused junction * Hockey PUK version * Case style DO-200AB (B-PUK)
DO-200AB (B-PUK)
RoHS
COMPLIANT
* Lead (Pb)-free
TYPICAL APPLICATIONS
* Converters
PRODUCT SUMMARY
IF(AV) 2100 A
* Power supplies * High power drives * Auxiliary system supplies for traction applications
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER IF(AV) TEST CONDITIONS VALUES 2100 Ths 55 3900 Ths 50 Hz 60 Hz 50 Hz 60 Hz Range 25 23 900 25 000 2857 2608 400 to 1000 - 40 to 180 UNITS A C A C A
IF(RMS)
IFSM I2 t VRRM TJ
kA2s V C
ELECTRICAL SPECIFICATIONS VOLTAGE RATINGS
TYPE NUMBER VOLTAGE CODE 04 SD2000C..L 08 10 VRRM, MAXIMUM REPETITIVE PEAK REVERSE VOLTAGE V 400 800 1000 VRSM, MAXIMUM NON-REPETITIVE PEAK REVERSE VOLTAGE V 500 900 1100 60 IRRM MAXIMUM AT TJ = 180 C mA
Document Number: 93540 Revision: 14-May-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 1
SD2000C..L Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version), 2100 A
FORWARD CONDUCTION
PARAMETER Maximum average forward current at heatsink temperature Maximum RMS forward current SYMBOL IF(AV) IF(RMS) TEST CONDITIONS 180 conduction, half sine wave Double side (single side) cooled 25 C heatsink temperature double side cooled t = 10 ms Maximum peak, one-cycle forward, non-repetitive surge current IFSM t = 8.3 ms t = 10 ms t = 8.3 ms t = 10 ms Maximum I2t for fusing I2 t t = 8.3 ms t = 10 ms t = 8.3 ms Maximum I2t for fusing Low level value of threshold voltage High level value of threshold voltage Low level value of forward slope resistance High level value of forward slope resistance Maximum forward voltage drop I2t VF(TO)1 VF(TO)2 rf1 rf2 VFM No voltage reapplied 100 % VRRM reapplied No voltage reapplied 100 % VRRM reapplied VALUES 2100 (1040) 55 (85) 3900 23 900 25 000 20 100 Sinusoidal half wave, initial TJ = TJ maximum 21 000 2857 2608 2020 1844 28 570 0.74 0.86 0.13 m (I > x IF(AV)), TJ = TJ maximum Ipk = 6000 A, TJ = TJ maximum, tp = 10 ms sinusoidal wave 0.12 1.55 V kA2s V kA2s A UNITS A C
t = 0.1 to 10 ms, no voltage reapplied (16.7 % x x IF(AV) < I < x IF(AV)), TJ = TJ maximum (I > x IF(AV)), TJ = TJ maximum (16.7 % x x IF(AV) < I < x IF(AV)), TJ = TJ maximum
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction operating temperature range Maximum storage temperature range Maximum thermal resistance, junction to heatsink Mounting force, 10 % Approximate weight Case style See dimensions - link at the end of datasheet SYMBOL TJ TStg RthJ-hs DC operation single side cooled DC operation double side cooled TEST CONDITIONS VALUES - 40 to 180 - 55 to 200 0.073 0.031 14 700 (1500) 255 K/W N (kg) g UNITS C
DO-200AB (B-PUK)
RthJ-hs CONDUCTION
CONDUCTION ANGLE 180 120 90 60 30 SINUSOIDAL CONDUCTION SINGLE SIDE 0.009 0.011 0.014 0.020 0.036 DOUBLE SIDE 0.009 0.011 0.014 0.020 0.036 RECTANGULAR CONDUCTION SINGLE SIDE 0.006 0.011 0.015 0.021 0.036 DOUBLE SIDE 0.006 0.011 0.015 0.021 0.036 TJ = TJ maximum K/W TEST CONDITIONS UNITS
Note * The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
www.vishay.com 2
For technical questions, contact: ind-modules@vishay.com
Document Number: 93540 Revision: 14-May-08
SD2000C..L Series
Standard Recovery Diodes Vishay High Power Products (Hockey PUK Version), 2100 A
180 M a xim u m A llo w a b le H e a ts in k Te m p e ra t u re (C ) 160 140 120 100 80 60 40 0 2 00 40 0 6 00 8 0 0 10 0 0 1 2 00 1 4 00 A v e ra g e F o rw a rd C u rre n t (A ) 60 18 0 90 120
C o nduc tio n An gle
Maxim um Allowab le Heatsink Tem perature ( C)
SD 2 0 0 0 C ..L Se rie s (Sin g le S id e C o o le d ) R th J-hs (D C ) = 0 .0 7 3 K / W
180 160 140 120 100 80 30 60 40 20 0 0 1000 2000 3000 4000 Average Forward Curren t (A) 60 90 120 180 DC
C o ndu ctio n Pe rio d
SD2000C..L Series (Double Side Cooled) R thJ-h s (DC) = 0.031 K/W
30
Fig. 1 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
1 80 Maxim um Allowable Heatsink Temperatur e (C) 1 60 1 40 1 20 1 00 80 60 40 20 0 0 5 00 1000 1 500 200 0 2 500 Average Forward Current (A) 30 60 90 120 180 DC
C o nduc tion Pe riod
4000 M aximum Average Forward Power L oss (W)
SD 2000C..L Series (Single Sid e Cooled) R thJ-h s (DC) = 0.073 K/W
3500 3000 2500 2000 1500 1000 500 0 0 500 1000 1500 2000 2500 Average Forward Curren t (A)
C on duc tio n A ngle
180 120 90 60 30
RM S Limit
SD2000C..L Series TJ = 180C
Fig. 2 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Maxim um Allowable Heatsin k Tem perature ( C)
Maxim um Average Forward Pow er Loss (W )
180 160 140 120 100 80 60 40 20 0 0 500
5000 SD2000C..L Series (Double Side Cooled) R th J- hs (DC) = 0.031 K/W 4500 4000 3500 3000 2500 2000 1500 1000 500 0 0 1000 2000 3000 4000 Average Forwa rd Current (A)
C o ndu ctio n Pe rio d
DC 180 120 90 60 30
RMS Limit
C o nd uctio n A ng le
30
60
90
120
180
SD 2000C..L Series TJ = 180C
1000
1500
2000
2500
Average Forward Current (A)
Fig. 3 - Current Ratings Characteristics
Fig. 6 - Forward Power Loss Characteristics
Document Number: 93540 Revision: 14-May-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 3
SD2000C..L Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version), 2100 A
25000 Peak Half Sine W ave Forward Current (A) Peak Half Sine W ave Forward Curren t (A) At Any Rated Load Cond ition An d W ith Rated V RRM Applied Following Surge. Initial TJ = 180 C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s 30000 M aximum Non Repet itive Surge Current Versus Pulse Train Duration. In itial TJ = 180 C No V oltage Reapplied Rated V R RM Reapplied
25000
20000
20000
15000
15000
10000 SD2000C..L Series 5000 1 10 10 0
Nu m be r O f E qua l A m p litude H alf C y cle C urre nt P ulse s (N )
10000 SD 2000C..L Series 5000 0.01 0.1 Pulse Train Duration (s) 1
Fig. 7 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
100000 In stantaneous F orward Current (A)
TJ = 25C 10000 TJ = 180C
1000
SD2000C..L Series 100 0.5
1
1.5
2
2.5
3
3.5
In stantaneous Forward V oltage (V )
Fig. 9 - Forward Voltage Drop Characteristics
0 .1
T ra n sie n t T h e rm a l Im p e d a n c e Z thJ-hs ( K / W )
SD 2 0 0 0 C ..L Se rie s
0 .0 1
S te ad y St a te V alu e R th J-h s = 0 .0 7 3 K /W ( S in g le Side C o o le d) R th J-h s = 0 .0 3 1 K /W ( D o ub le S id e C o o le d ) ( D C O p e ra t io n )
0 .0 0 1 0 .0 0 1
0 .0 1
0 .1
1
10
10 0
Sq u are W a v e Pu lse D u ra tio n ( s)
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
www.vishay.com 4
For technical questions, contact: ind-modules@vishay.com
Document Number: 93540 Revision: 14-May-08
SD2000C..L Series
Standard Recovery Diodes Vishay High Power Products (Hockey PUK Version), 2100 A
ORDERING INFORMATION TABLE
Device code
SD
1
1 2 3 4 5 6
200
2 Diode
0
3
C
4
10
5
L
6
Essential part number 0 = Standard recovery C = Ceramic PUK Voltage code x 100 = VRRM (see Voltage Ratings table) L = PUK case DO-200AB (B-PUK)
LINKS TO RELATED DOCUMENTS Dimensions http://www.vishay.com/doc?95248
Document Number: 93540 Revision: 14-May-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SD2000C04L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X